Part Number Hot Search : 
P34063 S1000 PT370L24 PIC18F25 A1141LLH 09081 TD100 S1000
Product Description
Full Text Search
 

To Download NTE1560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1560 Integrated Circuit Phase Lock Loop (PLL) FM Stereo Multiplex Demodulator
Description: The NTE1560 is an integrated circuit in a 16-Lead DIP type package designed for low voltage radio and cassette tape recorders.
Features: D LED Mis-Turning Protection Circuit at Transient Operation Voltage D Provided with Forced Monaural and VCO Stop Circuits D High Performance (Low Gain Loss, Low Distortion) Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V Circuit Voltage, V6-7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V Circuit Current, I6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75mA Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 360mW Operating Ambient Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C, VCC = 6V unless otherwise specified)
Parameter Total Circuit Current Separation Stereo Total Harmonic Distortion Monaural Harmonic Distortion Monaural Output Voltage Monaural Channel Balance Lamp Lighting ON Pilot Voltage Symbol Itot Sep THD THD VO CB VP(ON) Pilot Signal (19kHz) Vi = 0 V(L + R) = 135mVrms, fm = 1kHz, VP = 15mVrms Vi = 150mVrms, fm = 1kHz Test Conditions Min 9 30 - - 125 -1 4.5 Typ 13 45 0.1 0.1 145 0 6.0 Max 17 - 0.3 0.3 170 +1 8.5 Unit mA dB % % mVrms dB mVrms
Pin Connection Diagram
VCC
1
16 VCO RC Time Constant 15 PLL Low Pass Filter 14 PLL Low Pass Filter 13 Pilot Signal Input 12 VCO Frequency Monitor 11 Pilot Det Low Pass Filter 10 Pilot Det Low Pass Filter 9 Forced Mono VCO Stop
Composite Signal Input 2 Buffer Amp Output 3 Lt Ch Output 4 Rt Ch Output 5 Stereo Indicator 6 GND 7 Separation Adjust 8
16
9
1
8
.870 (22.0) Max
.260 (6.6) Max .200 (5.08) Max
.100 (2.54) .700 (17.78)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE1560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X